PART |
Description |
Maker |
MS6715GTR MS6715GU MS6715SSGU MS6715 MS6715SSGTR |
1 Stereo Input and 2 Channels Output Volume, Tone, Balance, Loudness Function
|
MOSA[MOSA ELECTRONICS]
|
ISL54217EVAL1Z |
USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
|
Renesas Electronics Corporation
|
TDA8566TH1 TDA8566Q TDA8566-15 |
2 麓 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 2 ′ 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 2X40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
|
NXP Semiconductors
|
AK4683 |
24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
|
Asahi Kasei Microsystems
|
MS6712GTR MS6712GU MS6712 |
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
|
MOSA ELECTRONICS
|
M74HC221 M74HC221A M74HC221AB1R M74HC221AC1R M74HC |
DUAL MONOSTABLE MULTIVIBRATOR 双单稳态触发器 Low-Power Mono ADC / Stereo DAC with 6 audio inputs and HP/Speaker Amplifier 48-VQFN -40 to 85
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
IXTH6N80 IXTM6N80 6N80 IXTM6N80A IXTH6N80A |
N-Channel Enhancement Mode 32-Bit Microcontroller IC; Controller Family/Series:(ARM9); Number of I/O Pins:24; ADC Channels:5; Number of Timers 8/12/16/32 Bits:0 / 0 / 2 / 1; Number of PWM Channels:1; Clock Speed:200MHz; Interfaces:AC97, I2S, SPI, UART, USB
|
IXYS[IXYS Corporation] ETC[ETC]
|
MAX9708 MAX9708ETN MAX9708ECB |
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier From old datasheet system The MAX9708 mono/stereo, Class D audio power amplifier delivers up to 2 x 21W into an 8 stereo mode
|
MAXIM[Maxim Integrated Products]
|
AM29707DC AM29707LC AM29707PC AM29705/BXA AM29705A |
Dual Low Side Driver in a 8-pin DIP package; A IR4427 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a Lead-Free 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with dependent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2609DSPBF with Standard Packaging x4 SRAM Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a 8-Lead SOIC x4SRAM
|
|